Part Number Hot Search : 
FM260 1N3023 035CT 4063A CZRW5254 9479E SMA75 L9120
Product Description
Full Text Search
 

To Download BCL453232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental

1812 Industry Size Surface Mount Inductors
* * * * * * Inductance Range 0.1H to 1000H Standard Tolerance 10%(<1.0H = 20%) Operating Temperature Range -40C to +105C Ambient Temperature, Maximum 80C Resistance to Solder Heat 260C for 10 sec. Terminal Pull Strength, Minimum 1.0 kg
RopHtSlsr lian fo Com
`LF' M ode
Specifications
Part Number BCL453232-R10M BCL453232-R12M BCL453232-R15M BCL453232-R18M BCL453232-R22M BCL453232-R27M BCL453232-R33M BCL453232-R39M BCL453232-R47M BCL453232-R56M BCL453232-R68M BCL453232-R82M BCL453232-1R0K BCL453232-1R2K BCL453232-1R5K BCL453232-2R2K BCL453232-2R7K BCL453232-3R3K BCL453232-3R9K BCL453232-4R7K BCL453232-5R6K BCL453232-6R8K BCL453232-8R2K BCL453232-100K BCL453232-120K BCL453232-180K BCL453232-220K BCL453232-270K BCL453232-330K BCL453232-390K BCL453232-470K BCL453232-560K BCL453232-680K BCL453232-820K BCL453232-101K BCL453232-121K BCL453232-151K BCL453232-181K BCL453232-221K Inductance H 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100 120 150 180 220 Test Frequency MHz 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 SRF MHz Min. 300 280 250 220 200 180 165 150 145 140 135 130 100 80 70 60 55 50 45 40 35 33 27 25 20 18 17 15 13 12 11 10 10 9.0 9.0 8.0 8.0 6.0 5.0 5.0 4.0 DC Resistance Max 0.18 0.20 0.22 0.24 0.25 0.26 0.28 0.30 0.32 0.36 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.90 1.00 1.10 1.20 1.40 1.60 2.00 2.50 2.80 3.20 3.60 4.00 4.50 5.00 5.50 6.00 7.00 8.00 8.00 9.00 9.50 10.0 Rated Current IDC mA 800 770 730 700 665 635 605 575 545 520 500 475 450 430 410 390 380 370 355 330 315 300 285 270 250 225 200 190 180 170 160 150 140 135 130 120 110 110 105 102 100
Tolerance M M M M M M M M M M M M K K K K K K K K K K K K K K K K K K K K K K K K K K K K K
Q Min. 35 35 35 35 40 40 40 40 40 40 40 40 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 40 40 40 40 40
72
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Specifications (Cont'd)
Part Number BCL453232-271K BCL453232-331K BCL453232-391K BCL453232-471K BCL453232-561K BCL453232-681K BCL453232-821K BCL453232-102K Inductance H 270 330 390 470 560 680 820 1,000 Test Frequency MHz 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252 SRF MHz Min. 4.0 3.5 3.0 3.0 3.0 3.0 2.5 2.5 DC Resistance Max 12.0 14.0 16.0 26.0 30.0 30.0 35.0 40.0 Rated Current IDC mA 92 85 80 62 50 50 30 30
Tolerance K K K K K K K K
Q Min. 40 40 40 40 30 30 30 30
Outline Dimensions (Inch/mm)
Packaging
Standard: Embossed Tape & Reel Reel: Diameter: = 7" (177.8mm) Capacity: = 500 Units
Ordering Information
BCL 453232
Model Series
330
K
LF
Lead-Free Option LF = Lead- Free (No code used for non lead-free part)
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values Inductance Tolerance J = 5% below 10H, `R' denotes K = 10% the decimal point M = 20%
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
73


▲Up To Search▲   

 
Price & Availability of BCL453232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X